PART |
Description |
Maker |
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
HS-0547RH HS-0546RH HS-546RH HS-547RH |
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection Analog Multiplexer, Differential 8-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexer, Single 16-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexers, Single 16 Channel CMOS, Active Overvoltage Protection, Rad-Hard Analog Multiplexers, Differential 8 Channel CMOS, Active Overvoltage Protection, Rad-Hard
|
Intersil
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M65609ENBSP M65609E MMDJ-65609EV-40 MMDJ-65609EV-4 |
Rad Hard 3.3 Volt 128Kx8 Very Low Power CMOS SRAM From old datasheet system Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
BWP-12/125-D12 BWP-12/125-D48 BWP-5/250-D48 BWP-15 |
Rad-hard 8 bit PISO shift register Rad-hard hex D-type flip flop with clear DC - DC电压转换 Rad-hard quad D-type flip flop with clear 型DC - DC电压转换
|
Sumida, Corp. 3M Company
|
AT697E-2E-MQ AT697E06 AT83C21GCXXX-PUTUL AT83C21GC |
Rad-Hard 32 bit SPARC V8 Processor GemCore Serial Lite PRO Rad Hard 512K x 8 Very Low Power CMOS SRAM CAN Controller for Space Application GemCore Serial Lite PRO
|
ATMEL Corporation http://
|
HS-1840RH883S |
Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 抗辐6通道CMOS模拟多路复用器与模拟输入保护
|
Intersil, Corp.
|
FSL234R FSL234D FN4030 FSL234R4 FSL234D1 FSL234D3 |
4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 4A/ 250V/ 0.610 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs From old datasheet system 4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 4 A, 250 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FRL9230D FRL9230R FRL9230H FN3245 |
From old datasheet system 3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs 3A/ -200V/ 1.30 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FRS440R FRS440D FRS440H |
5A, 500V, 1.420 Ohm, Rad Hard,N-Channel Power MOSFETs(5A, 500V, 1.420Ω,抗辐射N沟道功率MOS场效应管) 5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs 5A/ 500V/ 1.420 Ohm/ Rad Hard/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FRS9230R FRS9230D FRS9230H |
4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs 4 A, 200 V, 1.32 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-257AA 4A/ -200V/ 1.32 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FRS9240H FRS9240R FRS9240D FN3265 |
7A/ -200V/ 0.735 Ohm/ Rad Hard/ P-Channel Power MOSFETs 7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
|